Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD49033 Fiches technique(PDF) 39 Page - OSRAM GmbH

No de pièce TMD49033
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49033 Fiches technique(HTML) 39 Page - OSRAM GmbH

Back Button TMD49033 Datasheet HTML 35Page - OSRAM GmbH TMD49033 Datasheet HTML 36Page - OSRAM GmbH TMD49033 Datasheet HTML 37Page - OSRAM GmbH TMD49033 Datasheet HTML 38Page - OSRAM GmbH TMD49033 Datasheet HTML 39Page - OSRAM GmbH TMD49033 Datasheet HTML 40Page - OSRAM GmbH TMD49033 Datasheet HTML 41Page - OSRAM GmbH TMD49033 Datasheet HTML 42Page - OSRAM GmbH TMD49033 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Page 38
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
IRBeam Configuration Register (ICONFIG 0xA0)
Figure 44:
IRBeam Configuration Register
76543210
Reserved
IIEN
SLEW
Reserved
ISQZT
Field
Bits
Description
Reserved
7:6
Reserved.
IIEN
5
IRBeam Interrupt Enable. When asserted permits IRBeam interrupts to be
generated.
SLEW
4
Slew Rate Control. Must be set to 1. Slew rate is used to maintain LED pulse
symmetry.
Reserved
3
Reserved.
ISQZT
2:0
IRBeam Symbol Quiet Zone Time. Defines the delay between symbols as a
multiple of fundamental bit-times (IBT), calculated as follows:
tISQZT = nISQZT X tIBT
VALUE
QUIET ZONE DURATION
0
0 bit-times (Not activated)
1
5 bit-times
2
9 bit-times
…
nISQZT = 2
ISQZT + 1 + 1
6
129 bit-times
7
257 bit-times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86