Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD3702VC Fiches technique(PDF) 50 Page - OSRAM GmbH

No de pièce TMD3702VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD3702VC Fiches technique(HTML) 50 Page - OSRAM GmbH

Back Button TMD3702VC Datasheet HTML 46Page - OSRAM GmbH TMD3702VC Datasheet HTML 47Page - OSRAM GmbH TMD3702VC Datasheet HTML 48Page - OSRAM GmbH TMD3702VC Datasheet HTML 49Page - OSRAM GmbH TMD3702VC Datasheet HTML 50Page - OSRAM GmbH TMD3702VC Datasheet HTML 51Page - OSRAM GmbH TMD3702VC Datasheet HTML 52Page - OSRAM GmbH TMD3702VC Datasheet HTML 53Page - OSRAM GmbH TMD3702VC Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Datasheet, Public
Page 49
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Laser Eye Safety
The TMD3702VC is designed to meet the Class 1 laser safety
limits including single faults in compliance with IEC/EN
60825-1:2014. In an end application system environment, the
system may need to be tested to ensure it remains compliant.
The system must not include any additional lens to concentrate
the laser light or parameters set outside of the recommended
operating conditions. Use outside of the recommended
condition or any physical modification to the module during
development could result in hazardous levels of radiation
exposure.
Laser Eye Safety



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57