| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD27721 Fiches technique(PDF) 49 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD27721 Fiches technique(HTML) 49 Page - OSRAM GmbH |
|
49 / 60 page ![]() Page 48 ams Datasheet Document Feedback [v1-21] 2016-Feb-16 TMD2772/ TMD2772WA − Pack aging Mechanical Data Figure 53: TMD2772WA Module Dimensions Note(s): 1. All linear dimensions are in millimeters. 2. Dimension tolerance is ± 0.05 mm unless otherwise noted. 3. Contacts are copper with NiPdAu plating. 4. This package contains no lead (Pb). 5. This drawing is subject to change without notice. Green RoHS |