| Moteur de recherche de fiches techniques de composants électroniques |
|
8036 Fiches technique(PDF) 19 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8036 Fiches technique(HTML) 19 Page - Christian Bürkert GmbH & Co. KG |
|
19 / 28 page ![]() Type 3232, 3233 Manually operated diaphragm valve 19 | 23 Visit product website 4.12. Plastic body (PV, PD, PP) with flange connection Note: Dimensions in mm, unless otherwise stated K N L W° D3 D2 Diaphragm size L Ø D2 Ø D3 K H h Ø D W N (only for DN65) Product key1.) PVC-U (PV), PVDF (PD) and PP (PP) 15 130 65.5 96 12 – – 14 4x90° 5.9 FL24 20 150 75 105 14 – – 14 4x90° 6.9 FL25 25 160 85 115 15 – – 14 4x90° 6.9 FL26 32 180 100 140 17 – – 18 4x90° 7.9 FL27 40 200 110 150 17 – – 18 4x90° 8 FL28 50 230 125 165 18 – – 18 4x90° 9 FL29 65 290 145 185 19 92 47 18 4x90° 10 FL30 80 310 160 200 36 107 50 18 8x45° – FF31 100 350 180 225 35 134.5 65.5 18 8x45° – FF31 1.) This information is part of the product key (see product enquiry form at the end of this data sheet) |