| Moteur de recherche de fiches techniques de composants électroniques |
|
2000 Fiches technique(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 Fiches technique(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 14 page ![]() Type 2920 13 | 14 Visit product website 6. Product design and assembly 6.1. Product features Note More detailed information can be found in the operating instructions Type 2920 . Position indicator When the valve is opened (turn the handwheel anti-clockwise), the yellow position indicator becomes visible. Handwheel Position indicator Interlock (optional) The valve can be secured against unintentional or unauthorized operation. For this purpose, a lock pin can be pressed down and turned. The locking pin has a hole (Ø 3.8) and can be secured with a padlock. Lock pin Closed position Open position Stroke limitation (optional) Both the minimum and the maximum position of the valve can be adjusted via an adjustment sleeve. The handwheel can be removed for this purpose. Screw on handwheel Square Adjusting sleeve |