| Moteur de recherche de fiches techniques de composants électroniques |
|
3003 Fiches technique(PDF) 11 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3003 Fiches technique(HTML) 11 Page - Christian Bürkert GmbH & Co. KG |
|
11 / 13 page ![]() Type 2671 11 | 13 Visit product website 5.7. Ordering chart WAFER - NBR Orifice Body material Disc ma- terial Liner Max. pres- sure Weight bare shaft Weight with lever Article no. [mm] [mm] [bar] [kg] [kg] bare shaft with lever 40 GGG50 CF8M NBR 16 2 2.7 20005761 20005771 50 GG25 CF8M NBR 16 3 3.7 20005762 20005772 65 GG25 CF8M NBR 16 4 4.7 20005763 20005773 80 GG25 CF8M NBR 16 4 4.7 20005764 20005774 100 GG25 CF8M NBR 16 6 6.7 20005766 20005775 125 GG25 CF8M NBR 16 8 9 20005767 20005776 150 GG25 CF8M NBR 16 9 10 367409 20005777 200 GGG50 CF8M NBR 16 14 16 20005769 20005778 250 GGG50 CF8M NBR 16 22 24 20005770 20005779 300 GGG50 CF8M NBR 16 33 35 385537 20005780 5.8. Ordering chart LUG - NBR Orifice Body material Disc ma- terial Liner Max. pres- sure Weight bare shaft Weight with lever Article no. [mm] [mm] [bar] [kg] [kg] bare shaft with lever 40 GGG50 CF8M NBR 16 3 3.7 20005781 20005795 50 GGG50 CF8M NBR 16 4 4.7 20005782 20005796 65 GGG50 CF8M NBR 16 4 4.7 20005783 20005798 80 GGG50 CF8M NBR 16 5 5.7 20005784 20005799 100 GGG50 CF8M NBR 16 8 8.7 20005786 20005800 125 GGG50 CF8M NBR 16 10 11 20005787 20005802 150 GGG50 CF8M NBR 16 11 12 20005790 20005803 200 GGG50 CF8M NBR 16 18 20 20005791 20005806 250 GGG50 CF8M NBR 16 27 29 20005793 20005811 300 GGG50 CF8M NBR 16 44 46 20005794 20005814 5.9. Ordering chart WAFER - White EPT Orifice Body material Disc ma- terial Liner Max. pres- sure Weight bare shaft Weight with lever Article no. [mm] [mm] [bar] [kg] [kg] bare shaft with lever 40 GGG50 CF8M W-EPT 6 2 2.7 20005815 20005827 50 GG25 CF8M W-EPT 6 3 3.7 20005816 20005829 65 GG25 CF8M W-EPT 6 4 4.7 20005818 20005830 80 GG25 CF8M W-EPT 6 4 4.7 20005819 20001197 100 GG25 CF8M W-EPT 6 6 6.7 347549 20005831 125 GG25 CF8M W-EPT 6 8 9 20005820 20005832 150 GG25 CF8M W-EPT 6 9 10 20005823 20005833 200 GGG50 CF8M W-EPT 6 14 16 20005824 20005834 250 GGG50 CF8M W-EPT 6 22 24 20005825 20005835 300 GGG50 CF8M W-EPT 6 33 35 20005826 20005836 |