Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37725FN Fiches technique(PDF) 48 Page - OSRAM GmbH

No de pièce TCS37725FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37725FN Fiches technique(HTML) 48 Page - OSRAM GmbH

Back Button TCS37725FN Datasheet HTML 43Page - OSRAM GmbH TCS37725FN Datasheet HTML 44Page - OSRAM GmbH TCS37725FN Datasheet HTML 45Page - OSRAM GmbH TCS37725FN Datasheet HTML 46Page - OSRAM GmbH TCS37725FN Datasheet HTML 47Page - OSRAM GmbH TCS37725FN Datasheet HTML 48Page - OSRAM GmbH TCS37725FN Datasheet HTML 49Page - OSRAM GmbH TCS37725FN Datasheet HTML 50Page - OSRAM GmbH TCS37725FN Datasheet HTML 51Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
ams Datasheet
Page 47
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51