| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS37717FN Fiches technique(PDF) 40 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37717FN Fiches technique(HTML) 40 Page - OSRAM GmbH |
|
40 / 49 page ![]() ams Datasheet Page 39 [v1-31] 2018-Apr-04 Document Feedback TCS3771 − Packaging Mechanical Data Figure 47: Package FN - Dual Flat No-Lead Packaging Configuration Note(s): 1. All linear dimensions are in micrometers. 2. The die is centered within the package within a tolerance of ±75μm. 3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55. 4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish. 5. This package contains no lead (Pb). 6. This drawing is subject to change without notice. Packaging Mechanical Data Green RoHS |