Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37203 Fiches technique(PDF) 38 Page - OSRAM GmbH

No de pièce TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Fiches technique(HTML) 38 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 34Page - OSRAM GmbH TCS37203 Datasheet HTML 35Page - OSRAM GmbH TCS37203 Datasheet HTML 36Page - OSRAM GmbH TCS37203 Datasheet HTML 37Page - OSRAM GmbH TCS37203 Datasheet HTML 38Page - OSRAM GmbH TCS37203 Datasheet HTML 39Page - OSRAM GmbH TCS37203 Datasheet HTML 40Page - OSRAM GmbH TCS37203 Datasheet HTML 41Page - OSRAM GmbH TCS37203 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Datasheet, Public
Page 37
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
AGAIN_1_0 Register (Address 0x95)
Figure 48:
AGAIN_1_0 Register
AGAIN_3_2 Register (Address 0x96)
Figure 49:
AGAIN_3_2 Register
Addr: 0x95
AGAIN_1_0
Bit
Bit Name
Default
Access
Bit Description
7:4
AGAIN1
1100
RW
This field sets the gain of ALS channel 1.
Value
AGAIN1
01x
12x
24x
38x
416x
532x
664x
7128x
8256x
9512x
10
1024x
11
2048x
12
4096x
All other values
Reserved
3:0
AGAIN0
1100
RW
This field sets the gain of ALS channel 0. See AGAIN1
for the detailed settings.
Addr: 0x96
AGAIN_3_2
Bit
Bit Name
Default
Access
Bit Description
7:4
AGAIN3
1100
RW
This field sets the gain of ALS channel 3. See AGAIN1
for the detailed settings.
3:0
AGAIN2
1100
RW
This field sets the gain of ALS channel 2. See AGAIN1
for the detailed settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88