Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3720 Fiches technique(PDF) 76 Page - OSRAM GmbH

No de pièce TCS3720
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3720 Fiches technique(HTML) 76 Page - OSRAM GmbH

Back Button TCS3720 Datasheet HTML 72Page - OSRAM GmbH TCS3720 Datasheet HTML 73Page - OSRAM GmbH TCS3720 Datasheet HTML 74Page - OSRAM GmbH TCS3720 Datasheet HTML 75Page - OSRAM GmbH TCS3720 Datasheet HTML 76Page - OSRAM GmbH TCS3720 Datasheet HTML 77Page - OSRAM GmbH TCS3720 Datasheet HTML 78Page - OSRAM GmbH TCS3720 Datasheet HTML 79Page - OSRAM GmbH TCS3720 Datasheet HTML 80Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
Datasheet, Public
Page 75
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Package Drawings & Markings
Recommended PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 111:
Recommended PCB Pad Layout
Note(s):
1. All linear dimensions are in millimeters.
2. Dimension tolerances are 0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88