Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS37013M Fiches technique(PDF) 58 Page - OSRAM GmbH

No de pièce TCS37013M
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37013M Fiches technique(HTML) 58 Page - OSRAM GmbH

Back Button TCS37013M Datasheet HTML 54Page - OSRAM GmbH TCS37013M Datasheet HTML 55Page - OSRAM GmbH TCS37013M Datasheet HTML 56Page - OSRAM GmbH TCS37013M Datasheet HTML 57Page - OSRAM GmbH TCS37013M Datasheet HTML 58Page - OSRAM GmbH TCS37013M Datasheet HTML 59Page - OSRAM GmbH TCS37013M Datasheet HTML 60Page - OSRAM GmbH TCS37013M Datasheet HTML 61Page - OSRAM GmbH TCS37013M Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
Datasheet, Public
Page 57
[v2-00] 2022-Dec-15
Document Feedback
TCS3701 − Tape & Reel Information
Figure 69:
Tape and Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is generally 330 millimeters in diameter and contains 10000 parts. Please reconfirm for actual orders.
5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67