Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS35303-2 Fiches technique(PDF) 67 Page - OSRAM GmbH

No de pièce TCS35303-2
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS35303-2 Fiches technique(HTML) 67 Page - OSRAM GmbH

Back Button TCS35303-2 Datasheet HTML 63Page - OSRAM GmbH TCS35303-2 Datasheet HTML 64Page - OSRAM GmbH TCS35303-2 Datasheet HTML 65Page - OSRAM GmbH TCS35303-2 Datasheet HTML 66Page - OSRAM GmbH TCS35303-2 Datasheet HTML 67Page - OSRAM GmbH TCS35303-2 Datasheet HTML 68Page - OSRAM GmbH TCS35303-2 Datasheet HTML 69Page - OSRAM GmbH TCS35303-2 Datasheet HTML 70Page - OSRAM GmbH TCS35303-2 Datasheet HTML 71Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
Page 66
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Register O ver view
MEAS_SEQR_STEP0_RESIDUAL Register
Figure 90:
MEAS_SEQR_STEP0_RESIDUAL
Note(s):
1. Return to the Register Map (0xD4).
MEAS_SEQR_STEP1_RESIDUAL Register
Figure 91:
MEAS_SEQR_STEP1_RESIDUAL
Note(s):
1. Return to the Register Map (0xD5).
Addr: 0xD4
MEAS_SEQR_STEP0_RESIDUAL
Bit
Field
Reset
Type
Bit Description
7:0
MEASUREMENT_
SEQUENCER_
STEP0_
MOD_RESIDUAL_
ENABLE_PATTERN
0xFF
R/W
This register contains one bit for each modulator channel
(LSB = modulator 0, MSB = modulator 7) which defines if a
residual measurement shall be executed with the
respective modulator during measurement sequencer
step 0.
Addr: 0xD5
MEAS_SEQR_STEP1_RESIDUAL
Bit
Field
Reset
Type
Bit Description
7:0
MEASUREMENT_
SEQUENCER_
STEP1_
MOD_RESIDUAL_
ENABLE_PATTERN
0xFF
R/W
This register contains one bit for each modulator channel
(LSB = modulator 0, MSB = modulator 7) which defines if a
residual measurement shall be executed with the
respective modulator during measurement sequencer
step 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More