Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS34727FN Fiches technique(PDF) 17 Page - OSRAM GmbH

No de pièce TCS34727FN
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34727FN Fiches technique(HTML) 17 Page - OSRAM GmbH

Back Button TCS34727FN Datasheet HTML 13Page - OSRAM GmbH TCS34727FN Datasheet HTML 14Page - OSRAM GmbH TCS34727FN Datasheet HTML 15Page - OSRAM GmbH TCS34727FN Datasheet HTML 16Page - OSRAM GmbH TCS34727FN Datasheet HTML 17Page - OSRAM GmbH TCS34727FN Datasheet HTML 18Page - OSRAM GmbH TCS34727FN Datasheet HTML 19Page - OSRAM GmbH TCS34727FN Datasheet HTML 20Page - OSRAM GmbH TCS34727FN Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Principles of Operation
To further control when an interrupt occurs, the device provides
a persistence filter. The persistence filter allows the user to
specify the number of consecutive out-of-range Clear
occurrences before an interrupt is generated. The persistence
filter register (0x0C) allows the user to set the Clear persistence
filter (APERS) value. See the persistence filter register for details
on the persistence filter value. Once the persistence filter
generates an interrupt, it will continue until a special function
interrupt clear command is received (see command register).
Figure 19:
Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41