| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34303 Fiches technique(PDF) 4 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34303 Fiches technique(HTML) 4 Page - OSRAM GmbH |
|
4 / 38 page ![]() Datasheet, Public Page 3 [v3-00] 2023-Jan-18 Document Feedback TCS3430 − Pin Assignment Figure 3: TCS3430 Pinout (Top View) Figure 4: Pin Description Pin Number Pin Name Description 1 VDD Supply voltage. 2 SDA I²C serial data I/O terminal. 3 SCL I²C serial clock input terminal. 4 INT Interrupt. Open drain output (active low). 5 N/C No connection. May be connected to Ground or not connected. 6 N/C No connection. May be connected to Ground or not connected. 7 GND Ground. All voltages are referenced to GND. 8 GND Ground. All voltages are referenced to GND. Pin Assignment |