| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS34005FN Fiches technique(PDF) 26 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34005FN Fiches technique(HTML) 26 Page - OSRAM GmbH |
|
26 / 35 page ![]() Datasheet, Public Page 25 [v2-00] 2023-Feb-09 Document Feedback TCS3400 − Package Drawings & Markings Figure 36: IC Package Mechanical Drawing Note(s): 1. All linear dimensions are in micrometers. Dimension tolerance is ±20 μm unless otherwise noted. 2. The die is centered within the package within a tolerance of ±75 μm. 3. Package top surface is molded with an electrically non-conductive clear plastic compound having an index of refraction of 1.55. 4. Contact finish is Copper Alloy A194 with pre-plated NiPdAu lead finish. 5. This package contains no lead (Pb). 6. This drawing is subject to change without notice. Package Drawings & Markings Green RoHS |