Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3410 Fiches technique(PDF) 53 Page - OSRAM GmbH

No de pièce TCS3410
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3410 Fiches technique(HTML) 53 Page - OSRAM GmbH

Back Button TCS3410 Datasheet HTML 49Page - OSRAM GmbH TCS3410 Datasheet HTML 50Page - OSRAM GmbH TCS3410 Datasheet HTML 51Page - OSRAM GmbH TCS3410 Datasheet HTML 52Page - OSRAM GmbH TCS3410 Datasheet HTML 53Page - OSRAM GmbH TCS3410 Datasheet HTML 54Page - OSRAM GmbH TCS3410 Datasheet HTML 55Page - OSRAM GmbH TCS3410 Datasheet HTML 56Page - OSRAM GmbH TCS3410 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
Page 52
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-10
TCS3410 − Register O ver view
MEAS_SEQR_STEP0_MOD_PHDX_SMUX_L Register
Figure 70:
MEAS_SEQR_STEP0_MOD_PHDX_SMUX_L
Note(s):
1. Return to the Register Map (0xDC).
Addr: 0xDC
MEAS_SEQR_STEP0_MOD_PHDX_SMUX_L
Bit
Field
Reset
Type
Bit Description
7:6
MEASUREMENT_
SEQUENCER_STEP0_
MOD_PHD3_SMUX
01b
R/W
Defines connection of photodiode 3 to modulator
for sequencer step 0
00: No connection
01: Modulator 0
10: Modulator 1
11: Modulator 2
5:4
MEASUREMENT_
SEQUENCER_STEP0_
MOD_PHD2_SMUX
10b
R/W
Defines connection of photodiode 2 to modulator
for sequencer step 0
00: No connection
01: Modulator 0
10: Modulator 1
11: Modulator 2
3:2
MEASUREMENT_
SEQUENCER_STEP0_
MOD_PHD1_SMUX
01b
R/W
Defines connection of photodiode 1 to modulator
for sequencer step 0
00: No connection
01: Modulator 0
10: Modulator 1
11: Modulator 2
1:0
MEASUREMENT_
SEQUENCER_STEP0_
MOD_PHD0_SMUX
10b
R/W
Defines connection of photodiode 0 to modulator
for sequencer step 0
00: No connection
01: Modulator 0
10: Modulator 1
11: Modulator 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85