Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCS3408 Fiches technique(PDF) 44 Page - OSRAM GmbH

No de pièce TCS3408
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3408 Fiches technique(HTML) 44 Page - OSRAM GmbH

Back Button TCS3408 Datasheet HTML 40Page - OSRAM GmbH TCS3408 Datasheet HTML 41Page - OSRAM GmbH TCS3408 Datasheet HTML 42Page - OSRAM GmbH TCS3408 Datasheet HTML 43Page - OSRAM GmbH TCS3408 Datasheet HTML 44Page - OSRAM GmbH TCS3408 Datasheet HTML 45Page - OSRAM GmbH TCS3408 Datasheet HTML 46Page - OSRAM GmbH TCS3408 Datasheet HTML 47Page - OSRAM GmbH TCS3408 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Datasheet, Public
Page 43
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Tape & Reel Information
Figure 52:
Tape and Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is generally 330 millimeters in diameter and contains 10000 parts. Please reconfirm for actual orders.
5. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53