| Moteur de recherche de fiches techniques de composants électroniques |
|
TCS3400 Fiches technique(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3400 Fiches technique(HTML) 20 Page - OSRAM GmbH |
|
20 / 35 page ![]() Datasheet, Public Page 19 [v2-00] 2023-Feb-09 Document Feedback TCS3400 − Register Description Auxiliary Register (AUX 0x90) The AUX register enables the ALS saturation detection interrupt. If ASIEN = 1 and an interrupt occurs it is cleared by accessing the Clear Interrupt registers at 0xE6 or 0xE7. Figure 27: Auxiliary Register Revision ID Register (REVID 0x91) This read-only register identifies the die revision level. Figure 28: Revision ID Register 7 6 5 4 3 2 1 0 Reserved ASIEN Reserved Field Bits Description Reserved 7:6 Reserved. Write all as 0. ASIEN 5 0 disables, 1 enables ALS Saturation Interrupt Reserved 4:0 Reserved. 7 6 5 4 3 2 1 0 Reserved RevID Field Bits Description Reserved 7:4 Reserved. RevID 3:0 Wafer die revision level |