| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7343L Fiches technique(PDF) 40 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7343L Fiches technique(HTML) 40 Page - OSRAM GmbH |
|
40 / 53 page ![]() Document Feedback AS7343L Register Description Datasheet • PUBLIC DS001038 • v2-00 • 2022-Aug-12 52 │ 39 CFG6 Register (Address 0xF5) Figure 50: CFG6 Register Addr: 0xF5 CFG6 Bit Bit Name Default Access Bit Description 4:3 SMUX_CMD 2 RW SMUX Command. Selects the SMUX command to execute when setting SMUXEN gets set. Do not change during ongoing SMUX operation. VALUE SMUX_CMD 0 ROM code initialization of SMUX 1 Read SMUX configuration to RAM from SMUX chain 2 Write SMUX configuration from RAM to SMUX chain 3 Reserved, do not use CFG9 Register (Address 0xCA) Figure 51: CFG9 Register Addr: 0xCA CFG9 Bit Bit Name Default Access Bit Description 7:5 Reserved 0 Reserved 4 SIEN_SMUX 0 RW System Interrupt SMUX Operation. Enables system interrupt when SMUX command has finished 3:0 Reserved Reserved CFG20 Register (Address 0xD6) Figure 52: CFG20 Register Addr: 0xD6 CFG20 Bit Bit Name Default Access Bit Description 7 Reserved Reserved |