| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7331 Fiches technique(PDF) 9 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7331 Fiches technique(HTML) 9 Page - OSRAM GmbH |
|
9 / 72 page ![]() Document Feedback AS7331 Pin Assignment Datasheet • PUBLIC DS001047 • v4-00 • 2023-Mar-24 71 │ 8 Pin Number Pin Name Pin Type(1) Description 7 A1 DI Variable I²C slave address bit 1. 8 SYN DI Input for external controlled conversion. 9 READY DO Conversion status, configurable as push pull or open drain output stage (default push pull). 10 VDDD P Digital power supply. 11 VSSD P Digital ground. 12 SDA D_I/O_OD I²C data input / output, open drain output stage. 13 SCL DI I²C clock input. 14 A0 DI Variable I²C slave address bit 0. 15, 16 VSSA P Analog ground. (1) Explanation of abbreviations: DI Digital Input DO Digital Output P Power pin A_I/O Analog in-/output D_I/O_OD Digital in-/output, open drain |