Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS73211 Fiches technique(PDF) 57 Page - OSRAM GmbH

No de pièce AS73211
Description  XYZ True Color Sensor with I²C Interface
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS73211 Fiches technique(HTML) 57 Page - OSRAM GmbH

Back Button AS73211 Datasheet HTML 53Page - OSRAM GmbH AS73211 Datasheet HTML 54Page - OSRAM GmbH AS73211 Datasheet HTML 55Page - OSRAM GmbH AS73211 Datasheet HTML 56Page - OSRAM GmbH AS73211 Datasheet HTML 57Page - OSRAM GmbH AS73211 Datasheet HTML 58Page - OSRAM GmbH AS73211 Datasheet HTML 59Page - OSRAM GmbH AS73211 Datasheet HTML 60Page - OSRAM GmbH AS73211 Datasheet HTML 61Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Document Feedback
AS73211
Application Information
Datasheet
• PUBLIC
DS000556
• v3-01 • 2018-Feb-07
65
│ 56
9
Application Information
9.1
Schematic
Figure 57 shows a typical application circuit. Digital and analog grounds should be routed separately
onto the printed circuit board and must be connected together near the device. The die attach pad (no.
17) of the QFN16 must be connected to analog ground VSSA. Without this contact it can lead to errors
of the sensor.
Figure 57:
Typical Application Circuit
Please make sure that all specified components within the application circuit work according to their
operating range and to the parameters in the data sheet. For example, voltage regulators (workspace
load current, separated analog and digital or decoupled power supplies based on a common regulator)
need special treatment to avoid noise or deviations during operation.
9.2
External Components
The AS73211 and its external components for references and/or power supply (e.g. reference resistor
REXT) should be placed on the same PCB side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66