| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7221 Fiches technique(PDF) 48 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7221 Fiches technique(HTML) 48 Page - OSRAM GmbH |
|
48 / 56 page ![]() Document Feedback AS7221 Application Information Datasheet • PUBLIC DS000479 • v4-00 • 2019-Jun-28 55 │ 47 11.3 PCB Pad Layout Suggested PCB pad layout guidelines for the LGA package are shown. Flash Gold is recommended as a surface finish for the landing pads. Figure 37: Recommended PCB Pad Layout (Top View) (1) Unless otherwise specified, all dimensions are in millimeters. (2) Add 0.05mm all around the nominal lead width and length for the PCB pad land pattern. (3) This drawing is subject to change without notice. |