| Moteur de recherche de fiches techniques de composants électroniques |
|
M95160 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95160 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 45 page ![]() Part numbering M95160, M95080 42/45 Table 28. Available M95160 products (package, voltage range, temperature grade) Package M95160 4.5 V to 5.5 V M95160-W 2.5 V to 5.5 V M95160-R 1.8 V to 5.5 V SO8 (MN) Range 6 Range3 Range 6 Range3 Range 6 TSSOP (DW) NA(1) 1. NA = Not available Range 6 Range3 Range 6 MLP 2x3mm (MB) NA(1) NA(1) Range 6 Table 29. Available M95080 products (package, voltage range, temperature grade) Package M95080 4.5 V to 5.5 V M95080-W 2.5 V to 5.5 V M95080-R 1.8 V to 5.5 V SO8 (MN) Range 6 Range3 Range 6 Range3 Range 6 TSSOP (DW) NA(1) 1. NA = Not available Range 6 Range3 Range 6 MLP 2x3mm (MB) NA(1) Range 6 Range 6 |