Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B41889 Fiches technique(PDF) 14 Page - EPCOS

No de pièce B41889
Description  General-purpose grade capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B41889 Fiches technique(HTML) 14 Page - EPCOS

Back Button B41889 Datasheet HTML 10Page - EPCOS B41889 Datasheet HTML 11Page - EPCOS B41889 Datasheet HTML 12Page - EPCOS B41889 Datasheet HTML 13Page - EPCOS B41889 Datasheet HTML 14Page - EPCOS B41889 Datasheet HTML 15Page - EPCOS B41889 Datasheet HTML 16Page - EPCOS B41889 Datasheet HTML 17Page - EPCOS B41889 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Cut leads
Last 3 digits of ordering code: 002
With stand-off rubber seal
Case size
Dimensions (mm)
d
× l (mm)
a
±0.5
10
× 12.5
5.0
10
× 16
5.0
10
× 20
5.0
12.5
× 20
5.0
12.5
× 25
5.0
12.5
× 30
5.0
12.5
× 35
5.0
12.5
× 40
5.0
16
× 20
7.5
16
× 25
7.5
16
× 31.5
7.5
18
× 20
7.5
18
× 25
7.5
18
× 31.5
7.5
18
× 35
7.5
18
× 40
7.5
20
× 20
10.0
20
× 25
10.0
20
× 40
10.0
With flat rubber seal
B41889
Very low impedance
105
°C
Page 14 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23