| Moteur de recherche de fiches techniques de composants électroniques |
|
2103 Fiches technique(PDF) 21 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2103 Fiches technique(HTML) 21 Page - Christian Bürkert GmbH & Co. KG |
|
21 / 29 page ![]() Type 8791 21 | 29 Visit product website 5. Performance specifications 5.1. Signal flow diagram Position control loop Set-point position value CMD POS Position controller Control system Position measuring system Position control loop Valve opening Proportional valve - + Xd1 B1 P K Z1 E1 Additional software options of positioner SideControl Type 8791 (extract) SideControl BASIC functions • Automatic commissioning of control system • Digital input (safety position) • Analogue position feedback (optional) DIP-Switch activated device • Close tight function • Inversion of operating direction of setpoint signal • Linear characteristic curves selection or customised programming (software interface) • Manual and automatic operation Communications software with activatable and parameter driven functions • Customised programming of transmission characteristics • Selection of setpoint signal • Range splitting setpoint signal • Limitation of valve stroke • Limitation of operation speed • Definition of safety position • Signal failure detection |