| Moteur de recherche de fiches techniques de composants électroniques |
|
0044 Fiches technique(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
0044 Fiches technique(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 9 page ![]() Type 0044 2 | 9 Visit product website Table of contents 1. General technical data 3 2. Circuit functions 3 3. Dimensions 4 3.1. DN 12…DN 25 .......................................................................................................................................................................4 3.2. DN 32…DN 50 .......................................................................................................................................................................4 4. Performance specifications 5 4.1. Force chart.............................................................................................................................................................................5 Type 0045 single-acting, without end position cushioning (ISO 6432)..................................................................................5 Type 0044 double-acting, without end position cushioning (ISO 6432) ................................................................................5 Type 0044 double-acting, with end position cushioning (ISO 15552) ...................................................................................5 5. Ordering information 5 5.1. Bürkert eShop – Easy ordering and quick delivery................................................................................................................5 5.2. Bürkert product filter..............................................................................................................................................................6 5.3. Ordering chart cylinders ........................................................................................................................................................6 Type 0045 single-acting, without end position cushioning (ISO 6432)..................................................................................6 Type 0044 double-acting, without end position cushioning (ISO 6432) ................................................................................6 Type 0044 double-acting, with end position cushioning (ISO 15552) ...................................................................................7 5.4. Ordering chart accessories....................................................................................................................................................7 Bearing support .....................................................................................................................................................................7 Foot fastener..........................................................................................................................................................................7 Mounting and piston rod nut set............................................................................................................................................8 Fork head according to DIN 71 752.......................................................................................................................................8 Fork fastener ..........................................................................................................................................................................8 End support for Fork fastener................................................................................................................................................8 |