| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS410T-ST Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS410T-ST Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 36 page ![]() HCS410 2001 Microchip Technology Inc. Preliminary DS40158E-page 7 2.2 Code Hopping Mode (CH Mode) The HCS410 wakes up upon detecting a switch closure and then delays approximately 30 ms for switch debounce (Figure 2-7). The synchronization counter value, fixed information, and switch information are encrypted to form the code hopping portion. The encrypted or code hopping portion of the transmission changes every time a button is pressed, even if the same button is pushed again. Keeping a button pressed for a long time results in the same code word being transmitted until the button is released or time- out occurs. A code that has been transmitted will not occur again for more than 64K transmissions. Overflow information programmed into the encoder can be used by the decoder to extend the number of unique trans- missions to more than 192K. If, during the transmit process, it is detected that a new button(s) has been added, a reset will immediately be forced and the code word will not be completed. Please note that buttons removed will not have any effect on the code word unless no buttons remain pressed in which case the current code word will be completed and the power down will occur. If, after a button combi- nation is pressed, and the same button combination is pressed again within 2 seconds of the first press, the current transmission will be aborted and a new trans- FIGURE 2-7: CODE HOPPING ENCODER OPERATION 20-second time-out No Transmitted 2 second time-out completed? All buttons released? Sample Inputs Update Sync Info Encrypt With Transmit Encoder Key Power-up (A button has been pressed (Note1)) Buttons added? Yes Yes Yes No (Note 1) 7 complete code words? Complete current code word while checking buttons (Note 2) Stop transmitting DINC Set? Power down Buttons pressed? (Note 1) Same as previous press? Increment queue counter 20 second time-out completed? Buttons pressed? (Note 1) Increase sync counter by 12 immediately Yes Yes No Yes Yes No No No Yes No Yes No No Note 1: 30 ms debounce on press and release of all buttons. 2: Completes a minimum of 3 code words if MTX3 is set. No DINC Set? Yes Yes No |