| Moteur de recherche de fiches techniques de composants électroniques |
|
6027 Fiches technique(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
6027 Fiches technique(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 26 page ![]() Type 8745 13 | 26 Visit product website 4.3. Variant with electromotive proportional valve MFC with valve Type 3280 Variant with base block 00 or A1 for small nominal flow rates Note: Dimensions in mm 0 34 102.7 151.5 155.9 R28.2 4 x M4 10 227 approx. 27 A 53.5 Variant with base block A2 for large nominal flow rates Note: Dimensions in mm 0 48 116.7 165 169.4 R28.2 227 approx. 27 4 x M4 10 Ø A |