Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6STF09PAM03B30X Fiches technique(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

No de pièce 6STF09PAM03B30X
Description  D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEC [CONEC Elektronische Bauelemente GmbH]
Site Internet  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6STF09PAM03B30X Fiches technique(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  6STF09PAM03B30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6STF09PAM03B30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1164
A3
2/2
RECOMMENDED PANEL CUT-OUT
Henneboel
25.09.12
26.09.12
Fischer
D-SUB MALE 9pos. SOLDER CUP
with threaded insert and hexlocking screw
3:1
SEE SHEET 1
a
Original
3,4
R
`0
,13
20,5 `0,1
25 `0,1
i 0,26 B
A
B
i 0,26 A
Solder Instruction
1. Cable should be prepared for soldering. The cable/wires must be pretinned.
2. Insert cable/wire into solder cup.
3. Operate the soldering iron at 350°C, 50 Watt max. and use a pencil tip.
4. Put tip to wire in solder cup.
5. After 1 second bring in solder.
6. Heat for 3 seconds longer. Do not heat contact more than 4 seconds in total.
7. Remove soldering iron.
8. Wait until solder gets rigid again.
9. Do not solder adjacent contacts consecutively,
alternate position within the connector to minimize heat build up.
RECOMMENDED PANEL CUT-OUT
10°`1°



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com