Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUS Fiches technique(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

No de pièce BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURKERT [Christian Bürkert GmbH & Co. KG]
Site Internet  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Fiches technique(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Type büS
Getting to know the basics of a büS
infrastructure – accessories, cables,
pin assignment
10
4.2.2
Passive junction box
Definition: A passive junction box is an IP65/IP67 block with connectors for the power supply and multiple
büS connectors. It is a passive module and, therefore, does not have to be configured.
Purpose: The passive junction box allows multiple connections to büS devices in a star form. The Y-con-
nectors on each device become redundant when using a passive junction box, thus making cabling in the
field much simpler.
Fig. 4: Passive junction box
4.2.3
Gender changer
Definition: A gender changer is an IP65/67 component with two male M12 connectors.
Purpose: It is used to connect two female M12 connectors.
Fig. 5: Gender changer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42