| Moteur de recherche de fiches techniques de composants électroniques |
|
8045 Fiches technique(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8045 Fiches technique(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 18 page ![]() Type 8693 13 | 18 Visit product website 6. Performance specifications 6.1. Signal flow diagram Process control circuit Process setpoint SP PV Process controller Position control loop Transmitter Process factor Process - + Xd2 CMD Valve opening Z2 Position control loop Position setpoint CMD POS Positioner Pilot valve system Position sensor system Position control loop Valve opening Control valve - + Xd1 B1 P K Z1 E1 Additional software options of the TopControl process controller Type 8693 • Automatic commissioning of control valve systems • Automatic parameterisation of process control circuit • Automatic or manual characteristic curves selection • Setting of seal and maximum stroke threshold, respectively • Parameterisation of positioner • Manual parameterisation of process controller • Limitation of stroke range • Limitation of positioning speed • Setting direction of movement • Configuration of digital input • Signal range splitting on several controllers • Configuration of 1 analogue or 2 digital outputs • Signal fault detection • Safety position • Code protection • Contrast inversion of display |