| Moteur de recherche de fiches techniques de composants électroniques |
|
0330 Fiches technique(PDF) 21 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
0330 Fiches technique(HTML) 21 Page - Christian Bürkert GmbH & Co. KG |
|
21 / 28 page ![]() Type 8742 21 | 28 Visit product website 5. Device / Process connections 5.1. büS/CANopen M12 plug, 5-pin (A-coded) Pin Assignment 2 1 4 3 5 Coding 1 Shielding 2 24 V 3 DGND 4 CAN_H 5 CAN_L 5.2. Analogue M12 socket, 5-pin (A-coded) Pin Assignment Coding 2 1 4 3 5 1 Digital input GND 2 Digital input + 3 Relay, reference contact 4 Relay, normally closed contact 5 Relay, normally open contact M12 plug, 5-pin (A-coded) Pin Assignment 1 2 3 4 5 Coding 1 GND for the analogue output (for MFM) or GND for the analogue output and the setpoint input (for MFC) 2 24 V 3 GND for supply voltage 4 Setpoint input (not connected for MFM) 5 Analogue output for the measured value 5.3. Industrial Ethernet 2 x M8 socket, 4-pin Pin Assignment 1 2 3 4 Coding Coding Coding 1 TX + 2 RX + 3 TX - 4 RX - M12 plug, 5-pin (A-coded) Pin Assignment 1 2 3 4 5 Coding 1 GND for the analogue output (for MFM) or GND for the analogue output and the setpoint input (for MFC) 2 24 V 3 GND for supply voltage 4 Setpoint input (not connected for MFM) 5 Analogue output for the measured value |