| Moteur de recherche de fiches techniques de composants électroniques |
|
2103 Fiches technique(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2103 Fiches technique(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 14 page ![]() Type 8691 13 | 14 Visit product website 7.3. Ordering chart Note: All standard versions are UL-approved (UL approval for IO-Link. Communication Electrical connection Circuit function Pilot valve system Pilot air port (threaded port) Article no. Standard ATEX II Cat. 3G/D, IECEx, CCC 1.) AS-Interface Slave profile: S-B.A.E (AB-Slave, max. 62 slaves) M12 circular plug connector Single-acting G ⅛ 227254 264988 Double-acting G ⅛ 227240 264975 M12 circular plug connector/ Flat cable clip/80 cm cable Single-acting G ⅛ 227258 264990 Double-acting G ⅛ 227244 264977 IO-Link M12 circular plug connector Single-acting G ⅛ 307371 321927 Double-acting G ⅛ 307368 321925 Bürkert system bus (büS) M12 circular plug connector Single-acting G ⅛ 307375 321931 Double-acting G ⅛ 307373 321929 Without G ⅛ 307379 321935 Without fieldbus communication M12 circular plug connector Single-acting G ⅛ 227262 264992 Double-acting G ⅛ 227248 264979 Without G ⅛ 246211 264972 Cable gland Single-acting G ⅛ 227260 264991 Double-acting G ⅛ 227246 264978 Without G ⅛ 264943 264971 1.) CCC (China Compulsory Certificate) for device versions with Ex approval Further versions on request Additional büS/CANopen |