| Moteur de recherche de fiches techniques de composants électroniques |
|
2012 Fiches technique(PDF) 11 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 Fiches technique(HTML) 11 Page - Christian Bürkert GmbH & Co. KG |
|
11 / 14 page ![]() Type 8653 11 | 14 Visit product website Ordering chart Type 8653 CANopen version The following ordering chart lists the part numbers for Type 8653, subdivided according to connection type and circuit function. All valve positions are equipped with the same operating principle. Note: All articles in the following table are equipped with integrated check valves. Symbol Q Nn value air Switching times Article no. Article no. Opening Closing D6/D8 D¼"/ 5/16" [l/min] [ms] [ms] C (CF C) 2 x 3/2-way solenoid valve Servo-controlled, with manual override Normally closed 4 1 5 14 2 1 3 12 270 15 15 309527 338914 D (CF D) 2 x 3/2-way solenoid valve Servo-controlled, with manual override Normally open 4 1 5 14 2 1 3 12 310 15 15 o. r. o. r. H (CF H) 5/2-way solenoid valve Servo-controlled, with manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 270 20 25 309532 338917 L (CF L) 5/3-way solenoid valve With manual override In middle position all ports locked 14 12 4 2 5 1 3 290 20 25 o. r. o. r. M (CF M) 5/3-way solenoid valve With manual override In middle position ports 2 and 4 ventilated 5 1 3 14 12 4 2 290 20 25 o. r. o. r. N (CF N) 5/3-way solenoid valve With manual override In middle position ports 2 and 4 exhausted 14 12 4 2 5 1 3 290 20 25 o. r. o. r. |