| Moteur de recherche de fiches techniques de composants électroniques |
|
3321 Fiches technique(PDF) 5 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3321 Fiches technique(HTML) 5 Page - Christian Bürkert GmbH & Co. KG |
|
5 / 26 page ![]() Type 3360 5 | 26 Visit product website 2. Approvals Approvals/ Conformity/ Certificate Description Food produce contact Materials in contact with medium conform to EC regulation 1935/2004 Materials in contact with medium conform to FDA (optional) Drinking water Suitable for use with drinking water according to KTW, W270 (optional) Oxygen Suitable for use with gaseous oxygen (optional) Explosion proof As category 3 device suitable for zone 2/22 (optional) ATEX • II 3G Ex ec IIC T4 Gc • II 3D Ex tc IIIC T135 °C Dc IECEx • Ex ec IIC T4 Gc • Ex tc IIIC T135 °C Dc Safety requirements UL-listed cULus Cert. No. 238179 (optional) (only AG2) Detergent resistance Material compatibility tested with common Ecolab products and certified according to Ecolab test method: R&D/P3-E No. 40 - 1 Standards Description Field device for integration into the EDIP platform via Bürkert system bus (büS) |