| Moteur de recherche de fiches techniques de composants électroniques |
|
ASDA-00 Fiches technique(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
ASDA-00 Fiches technique(HTML) 23 Page - OSRAM GmbH |
|
23 / 25 page ![]() Document Feedback TARA2000-850-UW-AUT Appendix Datasheet • PUBLIC DS000685 • v4-00 • 2023-Mar-28 24 │ 22 11.3 Symbols and Abbreviations Figure 21: Symbols and Abbreviations Used in the Datasheet Symbol/Abbreviation Description DI Deionized FOI Field of Illumination FWHM Full Width at Half Maximum ID Identification IR Infrared LD Laser Diode LI Light-Current LIV Light-Current-Voltage MP Mass Production MSL Moisture Sensitivity Level RoHS Restriction of Hazardous Substances SMT Surface Mount Technology VCSEL Vertical Cavity Surface Emitting Laser |