Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLT5520DB_P Fiches technique(PDF) 16 Page - OSRAM GmbH

No de pièce PLT5520DB_P
Description  Metal Can TO56 Green Laser Diode in TO56 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520DB_P Fiches technique(HTML) 16 Page - OSRAM GmbH

Back Button PLT5520DB_P Datasheet HTML 11Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 12Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 13Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 14Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 15Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 16Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 17Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 18Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PLT5 520DB_P
DATASHEET
DATASHEET
16 | Version 1.0 | 2024-01-30
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19