Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S32K311NHT0MPAST Fiches technique(PDF) 47 Page - NXP Semiconductors

No de pièce S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Fiches technique(HTML) 47 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 43Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 44Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 45Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 46Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 47Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 48Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 49Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 50Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 143 page
background image
Table 15. STANDBY mode supply currents (continued)
125, typ 3
TBD
TBD
TBD
TBD
125, max 4
TBD
TBD
TBD
TBD
S32K358,
S32K348,
S32K338, S32K328
25, typ 3
64.9
67.1
1.5137
1.9
25, max 4
194.0
204.9
2.0132
3.9
85, typ 3
326.5
326.4
1.7222
6.1
85, max 4
1586.3
1621.4
3.2009
17.9
105, typ 3
617.8
621.6
2.0290
12.3
105, max 4
2977.6
2997.1
4.4926
33.8
125, typ 3
1179.5
1180.2
2.5613
32.0
125, max 4
4997.2
5067.0
6.4388
77.8
S32K344,
S32K324, S32K314
25, typ 3
50
52
0.91
1.8
25, max 4
153
153
1.09
3.8
85, typ 3
315
316
1.18
6.1
85, max4
900
910
1.78
15.4
105, typ 3
498
530
1.40
8.5
105, max 4
1672
1682
2.55
26.2
125, typ 3
932
998
1.88
18.5
125, max 4
2638
2650
3.5
47.3
S32K342,
S32K322, S32K341
25, typ 3
46.5
49
0.900
1.8
25, max 4
88
94
1.090
3.5
85, typ 3
220.5
239.4
1.1619
5.4
85, max 4
627.0
642.9
1.587
13.9
105, typ 3
428.3
456.5
1.3638
7.3
105, max 4
1272.6
1301.6
2.2098
22.5
125, typ 3
715.2
745
1.6279
16.7
125, max 4
2113.4
2160.6
3.0016
41.6
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
47 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More