Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PR2H1 Fiches technique(PDF) 2 Page - BusBoard Prototype Systems Ltd.

No de pièce PR2H1
Description  A BOX1-1455C extruded aluminum enclosure with a PR2H1 2-hole per strip ProtoBoard.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BUSBOARD [BusBoard Prototype Systems Ltd.]
Site Internet  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

PR2H1 Fiches technique(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  PR2H1 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. PR2H1 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT DATASHEET
BusBoard Prototype Systems
www.BusBoard.com
"Faster ways to build prototypes"
REV 1
The BOX1-1455C is an extruded aluminum
enclosure for electronic projects. The
enclosure is designed for BusBoard Prototype
Systems size 1 prototype PCBs (50x80mm
boards).
The PC boards mount horizontally by sliding
into 4 built-in card guide slots. Two aluminum
end panels are provided with attractive
plastic bezels to hide the seams. The screws
are recessed flathead type to provide a flat
surface. The silver aluminum is anodized
(clear or black) for protection from the
elements. The end panels can be removed
for easy drilling or cutting of holes. Screws
and adhesive rubber feet are included.
The ProtoBoard-2H-1 prototyping circuit
board has 2-hole pre-cut strips. The
convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts while
maximizing usable board area.
ProtoBoard-2H is a good pattern for compact
circuit layouts, and it is often more
convenient than pad-per-hole patterns. It is
good for analog use as well as digital since
many discrete components can be located
closely. It is a single-sided board with holes
on 0.1” centers. An anti-tarnish coating
protects the copper for a long shelf-life and
provides easy soldering.
Details (BOX1-1455C)
Details (PR2H1)



Html Pages

1 2