Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZHT431C01STOB Fiches technique(PDF) 10 Page - Zetex Semiconductors

No de pièce ZHT431C01STOB
Description  Adjustable precision Zener shunt regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431C01STOB Fiches technique(HTML) 10 Page - Zetex Semiconductors

Back Button ZHT431C01STOB Datasheet HTML 4Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 5Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 6Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 7Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 8Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 9Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 10Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 11Page - Zetex Semiconductors ZHT431C01STOB Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ZHT431
Issue 5 - October 2006
10
www.zetex.com
© Zetex Semiconductors plc 2006
Package outline - SOT223
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
-
1.80
-
0.071
e
2.30 BSC
0.0905 BSC
A1
0.02
0.10
0.0008
0.004
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-
D
6.30
6.70
0.248
0.264
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12