| Moteur de recherche de fiches techniques de composants électroniques |
|
L8211L-R20-T Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L8211L-R20-T Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 6 page ![]() UNISONIC TECHNOLOGIES CO.,LTD L8211 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1of 6 Copyright © 2013 Unisonic Technologies Co.,LTD QW-R123-008,C FET BIAS CONTROLLER WITH POLARIZATION SWITCH AND TONE DETECTION DESCRIPTION The UTC L8211 is designed to bias the MOSFETs that are commonly used in LNBs that can implies minimum external components requires. FEATURES * Three outputs that can drive up to 3 FETs. * Drain current adjustable by external resistor. * HB and LB switch for LNBs. * Band switching by 22kHz tone detection. ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free L8211L-R20-R L8211G-R20-R SSOP-20 Tape Reel L8211L-R20-T L8211G-R20-T SSOP-20 Tube |
Numéro de pièce similaire - L8211L-R20-T |
|
Description similaire - L8211L-R20-T |