Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8812 Fiches technique(PDF) 32 Page - NXP Semiconductors

No de pièce PCF8812
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Fiches technique(HTML) 32 Page - NXP Semiconductors

Back Button PCF8812 Datasheet HTML 28Page - NXP Semiconductors PCF8812 Datasheet HTML 29Page - NXP Semiconductors PCF8812 Datasheet HTML 30Page - NXP Semiconductors PCF8812 Datasheet HTML 31Page - NXP Semiconductors PCF8812 Datasheet HTML 32Page - NXP Semiconductors PCF8812 Datasheet HTML 33Page - NXP Semiconductors PCF8812 Datasheet HTML 34Page - NXP Semiconductors PCF8812 Datasheet HTML 35Page - NXP Semiconductors PCF8812 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGT653
PC8812-1
x
y
0, 0
Fig.20 Bonding pad locations.
(1) The alignment marks are circular with a diameter of 100
µm.
(2) Maximum chip size: 2.1
× 10.9 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36