| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8593 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8593 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 28 page ![]() 1997 Mar 25 13 Philips Semiconductors Product specification Low power clock/calendar PCF8593 Fig.11 Alarm and timer interrupt logic diagram. (1) If the alarm enable bit of the control/status register is reset (logic 0), a 1 Hz signal can be observed on the interrupt pin INT. handbook, full pagewidth MBD818 76 543 210 CONTROL/STATUS REGISTER (1) alarm interrupt timer overflow interrupt INT 765 432 10 alarm control timer alarm overflow timer control clock alarm ALARM TIMER CLOCK/CALENDAR counter control mode select MUX oscillator ALARM CONTROL REGISTER |