| Moteur de recherche de fiches techniques de composants électroniques |
|
VNH5 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH5 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 2 page ![]() VIPower™ VNH5 series Fully-protected, eco-friendly motor control solutions Automotive-qualified full bridges covering a wide range of motor control applications www.st.com VISUAL ZONE The VNH5 series of fully- integrated H-bridges offers a dedicated power stage and controls to drive DC motors. The series uses ST’s proprietary VIPower™ M0-5 technology. Featuring advanced diagnostics and protection, this automotive- qualified product family offers best-in-class reliability. The combination of R DS(on) and packages covers a multitude of applications having different power requirements. KEY BENEFITS • Cost-effective and space-saving solution compared to discrete multi- package approach • Embedded controls and protection for reduced microcontroller workload • State-of-the-art reliability thanks to self-limiting fast thermal transient (power limitation) • Robust solution designed to operate in the harsh automotive environment KEY FEATURES • Cross-conduction protection • Current limitation • Over-temperature shutdown • Power limitation (ST IP) • PWM operation up to 20 kHz • Charge pump output for reverse polarity protection • Analog current sense output • Overvoltage clamp and undervoltage shutdown • Output protected against loss of ground and loss of V CC • Output protected against short to ground and short to V CC • Very low standby power consumption • AEC-Q100 compliant TYPICAL APPLICATIONS Door locks, fan control, wipers, sun roofs, seat adjustment, and door/trunk closure |
Numéro de pièce similaire - VNH5 |
|
Description similaire - VNH5 |