Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8573P Fiches technique(PDF) 22 Page - NXP Semiconductors

No de pièce PCF8573P
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573P Fiches technique(HTML) 22 Page - NXP Semiconductors

Back Button PCF8573P Datasheet HTML 16Page - NXP Semiconductors PCF8573P Datasheet HTML 17Page - NXP Semiconductors PCF8573P Datasheet HTML 18Page - NXP Semiconductors PCF8573P Datasheet HTML 19Page - NXP Semiconductors PCF8573P Datasheet HTML 20Page - NXP Semiconductors PCF8573P Datasheet HTML 21Page - NXP Semiconductors PCF8573P Datasheet HTML 22Page - NXP Semiconductors PCF8573P Datasheet HTML 23Page - NXP Semiconductors PCF8573P Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
1997 Mar 28
22
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
17 DEFINITIONS
18 LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
19 PURCHASE OF PHILIPS I2C COMPONENTS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
Purchase of Philips I2C components conveys a license under the Philips’ I2C patent to use the
components in the I2C system provided the system conforms to the I2C specification defined by
Philips. This specification can be ordered using the code 9398 393 40011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24