| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8563P Fiches technique(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563P Fiches technique(HTML) 15 Page - NXP Semiconductors |
|
15 / 30 page ![]() Philips Semiconductors PCF8563 Real-time clock/calendar Product specification 16 April 1999 15 of 30 9397 750 04855 © Philips Electronics N.V. 1999. All rights reserved. 8.9.5 I2C-bus protocol Addressing: Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is always carried out with the first byte transmitted after the start procedure. The PCF8563 acts as a slave receiver or slave transmitter. Therefore the clock signal SCL is only an input signal, but the data signal SDA is a bidirectional line. The PCF8563 slave address is shown in Figure 10. Clock/calendar read/write cycles: The I2C-bus configuration for the different PCF8563 read and write cycles are shown in Figure 11, 12 and 13. The word address is a four bit value that defines which register is to be accessed next. The upper four bits of the word address are not used. Fig 10. Slave address. Fig 11. Master transmits to slave receiver (write mode). handbook, halfpage MRB016 1 0 1 0 0 0 A0 R/W group 1 group 2 width S 0A SLAVE ADDRESS WORD ADDRESS A A DATA P acknowledgement from slave acknowledgement from slave acknowledgement from slave R/W auto increment memory word address MBD822 n bytes |