| Moteur de recherche de fiches techniques de composants électroniques |
|
M191 Fiches technique(PDF) 4 Page - Enercon Technologies Europe AG |
|
|
|||||||||||||||||||||||||||||
M191 Fiches technique(HTML) 4 Page - Enercon Technologies Europe AG |
|
4 / 5 page ![]() Page 4 of 5 Oct 18, 2021 | Rev g | Doc: DS_M191 Series M191 SERIES AC/DC POWER SUPPLY Cham, www.enercon-europe.com Netanya, www.enercon.co.il Gurgaon, www.mpsindia.in Switzerland sales@enercon-europe.com Israel sales@enercon.co.il India sales@mpsindia.in Pin Assignment Input Connector (P1) Connector type: M24308/24-38F or eq. Mating connector type: M24308/2-2F or eq. Pin No. Function Pin No. Function Pin No. Function 1 N.C. 6 Phase C 11 N.C. 2 Phase A 7 N.C. 12 Phase B 3 N.C. 8 Chassis 13 N.C. 4 Phase B 9 N.C. 14 Phase C 5 N.C. 10 Phase A 15 N.C. Output Connector (J1) Connector type: M24308/23-40F or eq. Mating connector type: M24308/4-4F or eq. Pin No. Function P Pin No. Function P Pin No. Function P 1 OUT 3 + 14 SENSE 2 + 27 OUT 5 RTN – 2 OUT 3 RTN – 15 OUT 1 RTN – 28 OUT 5 + 3 OUT 4 + 16 OUT 1 RTN – 29 N/C 4 OUT 4 RTN – 17 OUT 1 + 30 OUT 2 RTN – 5 BIT + 18 OUT 1 + 31 OUT 2 + 6 INHIBIT + 19 SENSE 1 + 32 OUT 2 + 7 OUT 5 RTN – 20 OUT 3 + 33 SENSE 1 RTN – 8 OUT 5 + 21 OUT 3 RTN – 34 OUT 1 RTN – 9 OUT 5 + 22 OUT 4 + 35 OUT 1 RTN – 10 SENSE 2 RTN – 23 OUT 4 RTN – 36 OUT 1 + 11 OUT 2 RTN – 24 BIT RTN – 37 OUT 1 + 12 OUT 2 RTN – 25 INHIBIT RTN – 13 OUT 2 + 26 OUT 5 RTN – Note: All pins with identical function and/or designation should be connected together for best performance. |