| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8531 Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531 Fiches technique(HTML) 11 Page - NXP Semiconductors |
|
11 / 44 page ![]() 2000 Feb 11 11 Philips Semiconductors Product specification 34 × 128 pixel matrix driver PCF8531 8.17 Addressing Data is written in bytes into the RAM matrix of the PCF8531 as illustrated in Figs 5, 6 and 7. The display RAM has a matrix of 34 × 128 bits. The columns are addressed by the address pointer. The address ranges are X 0 to X 127 (7FH) and Y 0 to Y 5 (5H). Addresses outside of these ranges are not allowed. In vertical addressing mode (V = 1), the Y address increments after each byte (see Fig.6). After the last Y address (Y = 4), Y wraps around to 0 and X increments to address the next column. In horizontal addressing mode (V = 0), the X address increments after each byte (see Fig.7). After the last X address (X = 127), X wraps around to 0 and Y increments to address the next row. After the very last address (X = 127 and Y = 4), the address pointers wrap around to address (X = 0 and Y = 0). It should be noted that in bank 4 only the LSB (DB0) of the data will be written into the RAM. The Y address 5 is reserved for icon data and is not affected by the addressing mode; it should be noted that in bank 5 only the 5th data bit (DB4) will be written into the RAM. handbook, full pagewidth MGS469 0 1 2 3 5 4 0 127 X address icon data Y address LSB MSB LSB MSB LSB MSB Fig.5 RAM format and addressing. handbook, full pagewidth MGS470 05 16 2 3 4 0 1 icon data 0 1 2 3 4 5 638 639 0 127 X address Y address Fig.6 Sequence of writing data bytes into RAM with vertical addressing (V = 1). |