| Moteur de recherche de fiches techniques de composants électroniques |
|
M7S18TAJ-R Fiches technique(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
M7S18TAJ-R Fiches technique(HTML) 1 Page - MTRONPTI |
|
1 / 2 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. M7S & M8S Series 9x14 mm, 5.0 or 3.3 Volt, HCMOS/TTL, Clock Oscillator Revision: 11-21-06 Pin Connections J-lead ceramic package Wide operating temperature range RoHS version (-R) available • • • |
Numéro de pièce similaire - M7S18TAJ-R |
|
Description similaire - M7S18TAJ-R |