| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2116AHZ Fiches technique(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2116AHZ Fiches technique(HTML) 24 Page - NXP Semiconductors |
|
24 / 64 page ![]() 1997 Apr 07 24 Philips Semiconductors Product specification LCD controller/drivers PCF2116 family Table 4 Command bit identities BIT 0 1 I/D decrement increment S display freeze display shift D display off display on C cursor off cursor on B character at cursor position does not blink character at cursor position blinks S/C cursor move display shift R/L left shift right shift DL 4 bits 8 bits G voltage generator: VLCD =V0 voltage generator; VLCD =V0 − 0.8VDD N, (M = 0) PCF2116x 1 line × 24 characters; MUX 1 : 16 2 lines × 24 characters; MUX 1 : 32 PCF2114x 2 line × 12 characters; MUX 1 : 16 2 lines × 24 characters; MUX 1 : 32 N, (M = 1) reserved 4 lines × 12 characters; MUX 1 : 32 BF end of internal operation internal operation in progress Co last control byte, only data bytes to follow next two bytes are a data byte and another control byte Fig.18 4-bit transfer example. MGA804 RS E DB7 R/W DB6 DB5 DB4 instruction write busy flag and address counter read data register read IR7 IR3 BF AC3 DR7 DR3 IR6 IR2 AC6 AC2 DR6 DR2 IR5 IR1 AC5 AC1 DR5 DR1 IR4 IR0 AC4 AC0 DR4 DR0 |